Part Number Hot Search : 
AD674BBR CV7768 84063261 BCM740 LC040 LC040 INTER DC100
Product Description
Full Text Search
 

To Download SKM400GA128D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKM 400 GA 128 D Absolute Maximum Ratings
Symbol Conditions
IGBT VCES IC Tcase = 25 (80) C I CRM Tcase = 25 (80) C, tp =1 ms VGES T vj, (Tstg) TOPERATION Tstg Visol AC, 1 min. Inverse Diode I FAV = - I C Tcase = 25 (80) C I FRM Tcase = 25 (80) C, tp < 1 ms I FSM tp = 10 ms; sin.; T j = 150 C Freewheeling Diode I FAV = - I C Tcase = 25 (80) C I FRM Tcase = 25 (80) C, tp < 1 ms I FSM tp = 10 ms; sin.; T j = 150 C T case = 25 C, unless otherwise specified
Values
1200 530 (380) 1060 (760) 20 - 40 ... +150 (125) 4000 390 (260) 1060 (760) 2900
Units
V A A V C V A A A A A A
SEMITRANS TM M SPT IGBT Module SKM 400 GA 128 D
Preliminary Data
SEMITRANS 4
Characteristics
Symbol Conditions
IGBT VGE(TO) I CES VCE(TO) rCE VCE(sat) Cies Coes Cres LCE RCC+ EE
Tcase = 25 C, unless otherwise specified
min.
4,5
typ.
5,5 1,0 (0,9) 3,3 (4,7) 2,0 (2,3) 26 3 3 0,18(0,22) 120 70 800 75 31(33) 2,0 (1,8) 1,1 (tbd) 3 (tbd) 345 48 19
max.
6,45 tbd 1,15 4,2(tbd) 2,4
Units
V mA V m V nF nF nF nH m ns ns ns ns mJ
VGE = V CE, IC = 12 mA VGE = 0, VCE = VCES , Tj = 25 (125) C Tj = 25 (125) C VGE = 15 V, Tj = 25 (125) C IC = 300 A, VGE = 15 V, chip level VGE = 0, VCE = 25 V, f = 1 MHz
GA Features * Homogeneous Si * SPT = Soft-Punch-Through technology * VCE(sat) with positive temperature coefficient * High short circuit capability, self limiting to 6 x I C Typical Applications * AC inverter drives * UPS * Electronic welders at fsw > 20kHz
20 resistance, terminal-chip 25 (125) C under following conditions: VCC = 600 V, I C = 300 A, RGon = RGoff = 5 , Tj = 125 C, VGE 15 V
t d(on) tr t d(off) tf Eon (Eoff) Inverse Diode under following conditions: VF = VEC IF = 300 A; V GE = 0 V; Tj = 25 (125) C VT(TO) Tj = 25 (125) C rT Tj = 25 (125) C I RRM IF = 300 A; Tj = 125 C Q rr di/dt = 5200 A/s Err VGE = 0 V FWD under following conditions: VF = VEC IF = A; V GE = 0 V; Tj = 25 (125) C VTO Tj = 25 (125) C rT Tj = 25 (125) C I RRM IF = A; T j = 125 C Q rr VGE = 0 V Err Thermal Characteristics Rth(j-c) per IGBT Rth(j-c)D per Inverse Diode Rth(j-c)FD per FWD Rth(c-s) per module Mechanical Data Ms to heatsink (M6) Mt for terminals (M5) w
2,5 1,2 4,3(tbd)
V V m A C mJ V V m A C mJ
I:\Marke tin\FRA ME DA T\datbl\B06-ig bt\400 ga128d .fm
IDC 500 A for T Terminal = 100 C
0,055 0,125 0,038 3 2,5 5 5 330
K/W K/W K/W K/W Nm Nm g
(c) by SEMIKRON
020828
1
SKM 400 GA 128 D
M400GA128.XLS-1
M400GA128.XLS-2
600 IC [A] 500
600 tP = 80s TJ = 25C VGE = 15V TJ = 125C V GE = 17V V GE = 15V V GE = 11V IC [A] 500 TJ = 150C V GE 15 V
400
400
300
300 Limited by terminals to IDC=500A @ TTerminal =100C
200
200
100
100
0 0 1 2 3 4 VCE [V] 5
0 0 20 40 60 80 100 120 140 160 TC [C]
Fig. 1 Typ. output characteristic, inclusive RCC+ EE
Fig. 2 Rated current vs. temperature IC = f (TC )
80 E [mJ] 60 E off
Tj = 125 C VCC = 600 V VGE = 15V RG = 5
M400GA128.XLS-3
M400GA128.XLS-4
120 E [mJ]
Tj = 125 C V CC = 600 V V GE = 15V I C =300A
E on
E on
80 Eoff
40
E rr 20
40
Er r 0 0 200 400 600 IC [A] 800 0 0 10 20 RG [] 30
Fig. 3 Typ. turn-on /-off energy = f (IC )
Fig. 4 Typ. turn-on /-off energy = f (R G)
M400GA128.XLS-6
M400GA128.XLS-5
800 IC [A] 600 tP = 80 s V CE = 20V
20 VGE [V] ICpuls = 300A V cc = 600V
10
400
tJ = 125C
0 200 tJ = 25C
0 0 4 8 12 VGE [V] 16
-10 0 1000 2000 3000 4000 QG [nC]
Fig. 5 Typ. transfer characteristic
2
Fig. 6 Typ. gate charge characteristic
020828 (c) by SEMIKRON
SKM 400 GA 128 D
M400GA128.XLS-7
M400GA128.XLS-8
1000 tdoff
10000
Tj = 125 C V CC = 600 V V GE = 15V I C = 300A
t [ns] t [ns] 1000 tdon 100 tr tf
Tj = 125 C VCC = 600 V VGE = 15V RG = 5
tdoff
tdon tr 100 tf
t 10
10 0 200 400 IC [A] 600
0
10
20
RG [] 30
Fig. 7 Typ. switching times vs. IC
M400GA128.XLS-9
Fig. 8 Typ. switching times vs. gate resistor RG
M400GA128.XLS-10
0,1 Zthjc [K/W] 0,01 D=0,50 0,20 0,10 0,05 0,02 0,01
1 Zthjc [K/W] 0,1
0,001
0,01
D=0,5 0,2 0,1 0,05 0,02 0,01
0,0001 single pulse
0,001 single pulse
0,00001 0,00001 0,0001
0,001
0,01
0,1
tP [s]
1
0,0001 0,00001
0,0001
0,001
0,01
0,1 tP [s]
1
Fig. 9 Transient thermal impedance of IGBT Zthp(j-c) = f (tp); D = t p / t c = t p * f
M400GA128.XLS-11
Fig. 10 Transient thermal impedance of FWD Zthp(j-c)D = f (tp ); D = tp / tc = t p * f
M400GA128.XLS-12
400
I:\Marke tin\FRA ME DA T\datbl\B06-ig bt\400 ga128d .fm
400 IRR [A]
VCC = 600V TJ = 125 C = 15 V = 300 A
RG= 5 8 12
IF [A] 300
tp = 80s 300
200 Tj=125C, typ. Tj=25C, typ. 100 Tj=125C, max. Tj=25C, max.
200
17 25
100
0 0 1 2 3 V F [V] 4
0 0 2000 4000 6000 diF/dt [A/s]
Fig. 11 CAL diode forward characteristic
(c) by SEMIKRON
Fig. 12 Typ. CAL diode peak reverse recovery current
020828 3
SKM 400 GA 128 D
M400GA128.XLS-13
80 Qrr [C] 60 12 17 25 40
V CC = 600V TJ = 125 C = 15 V = 300 A
This is an electrostatic discharge sensitive device (ESDS). Please observe the international standard IEC 60747-1, Chapter IX.
RG = 5 8
I F= 500 A 300 A
200 A 100 A
Packing Unit Mounting Kit
3 pcs 10 pcs
SEMIBOX B Ident-No. 33321100
20
50 A
0 0 2000 4000 6000 8000 diF/dt [A/s]
Fig. 13 Typ. CAL diode recovered charge SEMITRANS 4 Case D 59 UL Recognized File no. E 63 532
SKM 400 GA 128 D
Dimensions in mm
Case outline and circuit diagrams
This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. 4 020828 (c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKM400GA128D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X